Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC16552D Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC16552D
Description  Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC16552D Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC16552D Datasheet HTML 13Page - National Semiconductor (TI) PC16552D Datasheet HTML 14Page - National Semiconductor (TI) PC16552D Datasheet HTML 15Page - National Semiconductor (TI) PC16552D Datasheet HTML 16Page - National Semiconductor (TI) PC16552D Datasheet HTML 17Page - National Semiconductor (TI) PC16552D Datasheet HTML 18Page - National Semiconductor (TI) PC16552D Datasheet HTML 19Page - National Semiconductor (TI) PC16552D Datasheet HTML 20Page - National Semiconductor (TI) PC16552D Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
80 Registers (Continued)
87 INTERRUPT ENABLE REGISTER
This register enables five types of interrupts for the associ-
ated serial channel Each interrupt can individually activate
the interrupt (INTR) output signal It is possible to totally
disable the interrupt system by resetting bits 0 through 3 of
the Interrupt Enable Register (IER) Similarly setting bits of
the IER register to a logic 1 enables the selected inter-
rupt(s) Disabling an interrupt prevents it from being indicat-
ed as active in the IIR and from activating the INTR output
signal All other system functions operate in their normal
manner
including the setting of the Line Status and
MODEM Status Registers Table II shows the contents of
the IER Details on each bit follow
Bit 0
When set to logic 1 this bit enables the Received Data
Available Interrupt and Timeout Interrupt in the FIFO Mode
Bit 1
When set to logic 1 this bit enables the Transmitter
Holding Register Empty Interrupt
Bit 2
When set to logic 1 this bit enables the Receiver Line
Status Interrupt
Bit 3
When set to logic 1 this bit enables the MODEM
Status Interrupt
Bits 4 through 7
These four bits are always logic 0
88 MODEM CONTROL REGISTER
This register controls the interface with the MODEM or data
set (or a peripheral device emulating a MODEM) The con-
tents of the MODEM Control Register are indicated in Table
II and are described below
Bit 0
This bit controls the Data Terminal Ready (DTR) out-
put When bit 0 is set to a logic 1 the DTR output is forced
to a logic 0 When bit 0 is reset to a logic 0 the DTR output
is forced to a logic 1
Bit 1
This bit controls the Request to Send (RTS) output
Bit 1 affects the RTS output in a manner identical to that
described above for bit 0
Bit 2
This bit is the OUT 1 bit It does not have an output
pin associated with it It can be written to and read by the
CPU In Local Loopback Mode this bit controls bit 2 of the
Modem Status Register
Bit 3
This bit controls the Output 2 (OUT 2) signal which is
an auxiliary user-designated output Bit 3 affects the OUT 2
pin in a manner identical to that described above for bit 0
The function of this bit is multiplexed on a single output pin
with two other functions BAUDOUT and RXRDY The
OUT 2 function is the default function of the pin after a
master reset See Section 810 for more information about
selecting one of these 3 pin functions
Bit 4
This bit provides a local loopback feature for diagnos-
tic testing of the associated serial channel When bit 4 is set
to logic 1 the following occur the transmitter Serial Output
(SOUT) is set to the Marking (logic 1) state the receiver
Serial Input (SIN) is disconnected the output of the Trans-
mitter Shift Register is ‘‘looped back’’ into the Receiver Shift
Register input the four MODEM Control inputs (DSR CTS
RI and DCD) are disconnected the four MODEM Control
outputs (DTR RTS OUT 1 and OUT 2) are internally con-
nected to the four MODEM Control inputs and the MODEM
Control output pins are forced to their inactive state (high)
In this diagnostic mode data that is transmitted is immedi-
ately received This feature allows the processor to verify
transmit and receive data paths of the DUART
In this diagnostic mode the receiver and transmitter inter-
rupts are fully operational Their sources are external to the
part The MODEM Control Interrupts are also operational
but the interrupts’ sources are now the lower four bits of the
MODEM Control Register instead of the four MODEM Con-
trol inputs The interrupts are still controlled by the Interrupt
Enable Register
Bits 5 through 7
These bits are permanently set to logic 0
89 MODEM STATUS REGISTER
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information
four bits of the
MODEM Status Register provide change information The
latter bits are set to a logic 1 whenever a control input from
the MODEM changes state They are reset to logic 0 when-
ever the CPU reads the MODEM Status Register
The contents of the MODEM Status Register are indicated
in Table II and described below
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has changed
state since the last time it was read by the CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indicator
Bit 1 indicates that the DSR input to the chip has changed
state since the last time it was read by the CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector Bit 2 indicates that the RI input to the chip has
changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) indi-
cator Bit 3 indicates that the DCD input to the chip has
changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status Interrupt
is generated
Bit 4
This bit is the complement of the Clear to Send (CTS)
input If bit 4 (loop) of the MCR is set to a 1 this bit is
equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is equivalent to
OUT 1 in the MCR
Bit 7
This bit is the complement of the Data Carrier Detect
(DCD) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT 2 in the MCR
810 ALTERNATE FUNCTION REGISTER
This is a readwrite register used to select specific modes of
operation It is located at address 010 when the DLAB bit is
set
Bit 0
When this bit is set the CPU can write concurrently to
the same register in both register sets This function is in-
tended to reduce the DUART initialization time It can be
used by a CPU when both channels are initialized to the
same state The CPU can set or clear this bit by accessing
either register set When this bit is set the channel select pin
still selects the channel to be accessed during read opera-
tions Setting or clearing this bit has no effect on read oper-
ations
The user should ensure that the DLAB bit (LCR7) of both
channels are in the same state before executing a concur-
rent write to register addresses 0 1 and 2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com