Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC16552D Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC16552D
Description  Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC16552D Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC16552D Datasheet HTML 12Page - National Semiconductor (TI) PC16552D Datasheet HTML 13Page - National Semiconductor (TI) PC16552D Datasheet HTML 14Page - National Semiconductor (TI) PC16552D Datasheet HTML 15Page - National Semiconductor (TI) PC16552D Datasheet HTML 16Page - National Semiconductor (TI) PC16552D Datasheet HTML 17Page - National Semiconductor (TI) PC16552D Datasheet HTML 18Page - National Semiconductor (TI) PC16552D Datasheet HTML 19Page - National Semiconductor (TI) PC16552D Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
80 Registers (Continued)
TABLE III DUART Reset Configuration
RegisterSignal
Reset Control
Reset State
Interrupt Enable Register
Master Reset
0000
0000
(Note 1)
Interrupt Identification Register
Master Reset
0000
0001
FIFO Control
Master Reset
0000
0000
Line Control Register
Master Reset
0000
0000
MODEM Control Register
Master Reset
0000
0000
Line Status Register
Master Reset
0110
0000
MODEM Status Register
Master Reset
XXXX
0000
(Note 2)
Alternate Function Register
Master Reset
0000 0000
SOUT
Master Reset
High
INTR (RCVR Errs)
Read LSRMR
Low
INTR (RCVR Data Ready)
Read RBRMR
Low
INTR (THRE)
Read IIRWrite THRMR
Low
INTR (Modem Status Changes)
Read MSRMR
Low
OUT 2
Master Reset
High
RTS
Master Reset
High
DTR
Master Reset
High
RCVR FIFO
MRFCR1
FCR0 DFCR0
All Bits Low
XMIT FIFO
MRFCR1
FCR0 DFCR0
All Bits Low
Note 1
Boldface bits are permanently low
Note 2
Bits 7–4 are driven by the input signals
83 PROGRAMMABLE BAUD GENERATOR
The DUART contains two independently programmable
Baud Generators Each is capable of taking a common
clock input from DC to 240 MHz and dividing it by any divi-
sor from 1 to 216 b 1 The highest input clock frequency
recommended with a divisor e 1 is 24 MHz The output
frequency of the Baud Generator is 16 c the baud rate
divisor
e
(frequency input) d (baud rate c 16)
The
output of each Baud Generator drives the transmitter and
receiver sections of the associated serial channel Two 8-bit
latches per channel store the divisor in a 16-bit binary for-
mat These Divisor Latches must be loaded during initializa-
tion to ensure proper operation of the Baud Generator
Upon loading either of the Divisor Latches a 16-bit Baud
Counter is loaded
Table IV provides decimal divisors to use with crystal fre-
quencies of 18432 MHz 3072 MHz and 18432 MHz For
baud rates of 38400 and below the error obtained is mini-
mal The accuracy of the desired baud rate is dependent on
the crystal frequency chosen Using a divisor of zero is not
recommended
84 LINE STATUS REGISTER
This register provides status information to the CPU con-
cerning the data transfer Table II shows the contents of the
Line Status Register Details on each bit follow
Bit 0
This bit is the receiver Data Ready (DR) indicator Bit
0 is set to a logic 1 whenever a complete incoming charac-
ter has been received and transferred into the Receiver
Buffer Register or the FIFO Bit 0 is reset to a logic 0 by
reading all of the data in the Receiver Buffer Register or the
FIFO
Bit 1
This bit is the Overrun Error (OE) indicator Bit 1 indi-
cates that the next character received was transferred into
the Receiver Buffer Register before the CPU could read the
previously received character This transfer destroys the
previous character The OE indicator is set to a logic 1 dur-
ing the character stop bit time when the overrun condition
exists It is reset whenever the CPU reads the contents of
the Line Status Register If the FIFO mode data continues to
fill the FIFO beyond the trigger level an overrun error will
occur only after the FIFO is full and the next character has
been completely received in the shift register OE is indicat-
ed to the CPU as soon as it happens The character in the
shift register can be overwritten but it is not transferred to
the FIFO
Bit 2
This bit is the Parity Error (PE) indicator Bit 2 indi-
cates that the received data character does not have the
correct even or odd parity as selected by the even-parity-
select bit The PE bit is set to a logic 1 during the character
Stop bit time when the character has a parity error It is
reset to a logic 0 whenever the CPU reads the contents of
the Line Status Register or when the next character is load-
ed into the Receiver Buffer Register In the FIFO mode this
error is associated with the particular character in the FIFO
it applies to This error is revealed to the CPU when its
associated character is at the top of the FIFO
Bit 3
This bit is the Framing Error (FE) indicator Bit 3 indi-
cates that the received character did not have a valid Stop
bit The FE bit is set to a logic 1 when the serial channel
detects a logic 0 during the first Stop bit time The FE indica-
tor is reset whenever the CPU reads the contents of the
Line Status Register or when the next character is loaded
into the Receiver Buffer Register In the FIFO Mode this
error is associated with the particular character in the FIFO
it applies to This error is revealed to the CPU when its
associated character is at the top of the FIFO The serial
channel will try to resynchronize after a framing error To do
this it assumes that the framing error was due to the next
start bit so it samples this ‘‘start’’ bit twice and then takes in
the ‘‘data’’
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com