Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321QTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE321QTR
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321QTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE321QTR Datasheet HTML 5Page - STMicroelectronics STMPE321QTR Datasheet HTML 6Page - STMicroelectronics STMPE321QTR Datasheet HTML 7Page - STMicroelectronics STMPE321QTR Datasheet HTML 8Page - STMicroelectronics STMPE321QTR Datasheet HTML 9Page - STMicroelectronics STMPE321QTR Datasheet HTML 10Page - STMicroelectronics STMPE321QTR Datasheet HTML 11Page - STMicroelectronics STMPE321QTR Datasheet HTML 12Page - STMicroelectronics STMPE321QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
STMPE321
Capacitance compensation
Doc ID 15791 Rev 3
9/40
2.2
Power management
The STMPE321 operates in 3 states, as described below:
Figure 5.
STMPE321 operating states
On RESET, the STMPE321 enters the ACTIVE state immediately.
Upon a fixed period of inactivity, the device enters a SLEEP state. Any touch activity
occurring during a SLEEP state causes the device to return to an ACTIVE state.
In SLEEP mode:
-Calibration continues if the F2A bit is set in the CONTROL register
-Calibration stops if the F2A bit is NOT set in the CONTROL register
If no touch activity is expected, the host may set the device to a HIBERNATE state to save
power.
If any key is touched and held, the I2C command to enter SLEEP or HIBERNATE is put on
hold until the key is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com