Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321QTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE321QTR
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321QTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE321QTR Datasheet HTML 10Page - STMicroelectronics STMPE321QTR Datasheet HTML 11Page - STMicroelectronics STMPE321QTR Datasheet HTML 12Page - STMicroelectronics STMPE321QTR Datasheet HTML 13Page - STMicroelectronics STMPE321QTR Datasheet HTML 14Page - STMicroelectronics STMPE321QTR Datasheet HTML 15Page - STMicroelectronics STMPE321QTR Datasheet HTML 16Page - STMicroelectronics STMPE321QTR Datasheet HTML 17Page - STMicroelectronics STMPE321QTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
System and identification registers
STMPE321
14/40
Doc ID 15791 Rev 3
5
System and identification registers
CHIP_ID_x
Device identification
Address:
0x00, 0x01
Type:
R
Reset:
0x03, 0x21
Description:
16(8+8)-bit device identification
Table 6.
System and identification registers map
Address
Register name
Bit
Type
Reset
Function
0x00
CHIP_ID_0
8
R
0x03
Device
identification
0x01
CHIP_ID_1
8
R
0x21
Device
identification
0x02
ID_VER
8
R
0x03
Revision number
0x03
SYS_CFG_1
8
R/W
0x00
System
configuration 1
0x04
SYS_CFG_2
8
R/W
0xEF
System
configuration 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com