Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE321QTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STMPE321QTR
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321QTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STMPE321QTR Datasheet HTML 21Page - STMicroelectronics STMPE321QTR Datasheet HTML 22Page - STMicroelectronics STMPE321QTR Datasheet HTML 23Page - STMicroelectronics STMPE321QTR Datasheet HTML 24Page - STMicroelectronics STMPE321QTR Datasheet HTML 25Page - STMicroelectronics STMPE321QTR Datasheet HTML 26Page - STMicroelectronics STMPE321QTR Datasheet HTML 27Page - STMicroelectronics STMPE321QTR Datasheet HTML 28Page - STMicroelectronics STMPE321QTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
STMPE321
Capacitive touch module registers
Doc ID 15791 Rev 3
25/40
FEATURE_SELECT
Feature select
Address:
0x20
Type:
R/W
Reset:
0x04
Description:
Controls AFS (advanced filtering system and second level filtering feature)
ETC_WAIT
Wait time setting
Address:
0x21
Type:
R/W
Reset:
0x27
Description:
Sets the wait time between the calibration and the last button touch
76
543
2
1
0
RESERVED
AFS[1:0]
Filter EN
[7:3] RESERVED
[2:1] AFS[1:0]:
“00’: reserved
“01’ AFS mode 1 (only 1 strongest key)
‘10’: AFS mode 2 (all keys that are above threshold)
‘11’: AFS mode 3 (the 2 strongest keys)
[0] Filter EN:
Write '1' to enable filter
76
543
2
1
0
ETC_WAIT[7:0]
[7:0] ETC_WAIT[7:0]:
ETC wait time = ETC_Wait[7:0] *64 + sensor clock period
A "non-touch" condition must persist for this wait time, before an ETC operation is carried out
Range: 5 mS - 20 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com