Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L25D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10L25D
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L25D Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10L25D Datasheet HTML 1Page - STMicroelectronics STPS10L25D Datasheet HTML 2Page - STMicroelectronics STPS10L25D Datasheet HTML 3Page - STMicroelectronics STPS10L25D Datasheet HTML 4Page - STMicroelectronics STPS10L25D Datasheet HTML 5Page - STMicroelectronics STPS10L25D Datasheet HTML 6Page - STMicroelectronics STPS10L25D Datasheet HTML 7Page - STMicroelectronics STPS10L25D Datasheet HTML 8Page - STMicroelectronics STPS10L25D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2016
DocID3619 Rev 5
1/12
This is information on a product in full production.
www.st.com
STPS10L25
Low drop power Schottky rectifier
Datasheet - production data
Features
Very low forward voltage drop for less power
dissipation
Optimized conduction / reverse losses trade-
off which means the highest efficiency in the
applications
Avalanche capability specified
ECOPACK®2 compliant component for
D²PAK on demand
Description
Single Schottky rectifier suited to switched mode
power supplies and high frequency DC to DC
converters.
This device is especially intended for use as a
rectifier at the secondary of 3.3 V SMPS units.
Table 1: Device summary
Symbol
Value
IF(AV)
10 A
VRRM
25 V
VF (typ.)
0.30 V
Tj (max.)
150 °C
K
K
A
K
K
NC
NC
A
A
TO-220AC
D²PAK
A
K


Similar Part No. - STPS10L25D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L25D STMICROELECTRONICS-STPS10L25D Datasheet
91Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS10L25D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com