Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L25D Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS10L25D
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L25D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS10L25D Datasheet HTML 4Page - STMicroelectronics STPS10L25D Datasheet HTML 5Page - STMicroelectronics STPS10L25D Datasheet HTML 6Page - STMicroelectronics STPS10L25D Datasheet HTML 7Page - STMicroelectronics STPS10L25D Datasheet HTML 8Page - STMicroelectronics STPS10L25D Datasheet HTML 9Page - STMicroelectronics STPS10L25D Datasheet HTML 10Page - STMicroelectronics STPS10L25D Datasheet HTML 11Page - STMicroelectronics STPS10L25D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STPS10L25
Ordering information
DocID3619 Rev 5
11/12
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS10L25D
STPS10L25D
TO-220AC
1.86 g
50
Tube
STPS10L25G-TR
STPS10L25G
D²PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
Jul-2003
4B
17-Oct-2016
5
Updated cover page, Section 3: "Characteristics", Section
3.1: "Characteristics (curves)", Section 4.2: "D²PAK
package information" and Table 7: "Ordering information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com