Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L25D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10L25D
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L25D Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10L25D Datasheet HTML 1Page - STMicroelectronics STPS10L25D Datasheet HTML 2Page - STMicroelectronics STPS10L25D Datasheet HTML 3Page - STMicroelectronics STPS10L25D Datasheet HTML 4Page - STMicroelectronics STPS10L25D Datasheet HTML 5Page - STMicroelectronics STPS10L25D Datasheet HTML 6Page - STMicroelectronics STPS10L25D Datasheet HTML 7Page - STMicroelectronics STPS10L25D Datasheet HTML 8Page - STMicroelectronics STPS10L25D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
STPS10L25
4/12
DocID3619 Rev 5
Figure 7: Forward voltage drop versus forward
current (maximum values)
Figure 8: Thermal resistance junction to ambient
versus copper surface under tab for D²PAK
(typical values)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
Epoxy printed board FR4, eCU= 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com