Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120DJF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS30120DJF
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120DJF Datasheet(HTML) 6 Page - STMicroelectronics

  STPS30120DJF Datasheet HTML 1Page - STMicroelectronics STPS30120DJF Datasheet HTML 2Page - STMicroelectronics STPS30120DJF Datasheet HTML 3Page - STMicroelectronics STPS30120DJF Datasheet HTML 4Page - STMicroelectronics STPS30120DJF Datasheet HTML 5Page - STMicroelectronics STPS30120DJF Datasheet HTML 6Page - STMicroelectronics STPS30120DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering Information
STPS30120DJF
6/7
Doc ID 15671 Rev 5
Figure 12.
Tape and reel specifications
3
Ordering Information
4
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0
8.0
6.30
2.0
Ø 1.55
Ø 1.5
0.20
1.20
0.30
R 0.50
Table 6.
Ordering information
Order code
Marking
Package
Weight Base qty
Delivery mode
STPS30120DJF-TR
PS30 120
PowerFLAT 5x6
0.095 g
3000
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
18-May-2009
1
First issue.
09-Nov-2009
2
Updated Table 1.
25-Feb-2010
3
Corrected order code and marking in Table 6.
30-Jul-2010
4
Replace Power QFN with PowerFLAT.
20-May-2011
5
Updated package graphics. Added mention of terminals to
captions of Table 2 and Table 4. Updated base quantity and
marking in Table 6. Added Figure 12.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com