Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120DJF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30120DJF
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120DJF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30120DJF Datasheet HTML 1Page - STMicroelectronics STPS30120DJF Datasheet HTML 2Page - STMicroelectronics STPS30120DJF Datasheet HTML 3Page - STMicroelectronics STPS30120DJF Datasheet HTML 4Page - STMicroelectronics STPS30120DJF Datasheet HTML 5Page - STMicroelectronics STPS30120DJF Datasheet HTML 6Page - STMicroelectronics STPS30120DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS30120DJF
4/7
Doc ID 15671 Rev 5
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
IR(mA)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
30405060
708090
100
110
120
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
VR(V)
C(pF)
100
1000
10000
110
100
1000
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab
IFM(A)
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
VFM(V)
0
50
100
150
200
250
01
2345
678
9
10
R
th(j-a)(°C/W)
SCu(cm²)
Epoxy printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com