Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120DJF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30120DJF
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120DJF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30120DJF Datasheet HTML 1Page - STMicroelectronics STPS30120DJF Datasheet HTML 2Page - STMicroelectronics STPS30120DJF Datasheet HTML 3Page - STMicroelectronics STPS30120DJF Datasheet HTML 4Page - STMicroelectronics STPS30120DJF Datasheet HTML 5Page - STMicroelectronics STPS30120DJF Datasheet HTML 6Page - STMicroelectronics STPS30120DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS30120DJF
2/7
Doc ID 15671 Rev 5
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.61 x IF(AV) + 0.005 IF
2
(RMS)
Table 2.
Absolute Ratings (limiting values, anode terminals short circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS) Forward rms current
45
A
IF(AV)
Average forward current
Tc = 80 °C, δ = 0.5
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
12500
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
Table 4.
Static electrical characteristics (anode terminals short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,
δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
35
µA
Tj = 125 °C
5.5
16
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.84
V
Tj = 125 °C
0.61
0.67
Tj = 25 °C
IF = 30 A
0.92
Tj = 125 °C
0.68
0.75
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com