Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8ST06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8ST06
Description  Very low switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8ST06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8ST06 Datasheet HTML 1Page - STMicroelectronics STTH8ST06 Datasheet HTML 2Page - STMicroelectronics STTH8ST06 Datasheet HTML 3Page - STMicroelectronics STTH8ST06 Datasheet HTML 4Page - STMicroelectronics STTH8ST06 Datasheet HTML 5Page - STMicroelectronics STTH8ST06 Datasheet HTML 6Page - STMicroelectronics STTH8ST06 Datasheet HTML 7Page - STMicroelectronics STTH8ST06 Datasheet HTML 8Page - STMicroelectronics STTH8ST06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
July 2015
DocID024150 Rev 2
1/9
9
STTH8ST06
600 V tandem extra fast diode
Datasheet
production data
Features
• High voltage rectifier
• Tandem diodes in series
• Very low switching losses
• Insulated device with internal ceramic
• Equal thermal conditions for both 300 V diodes
• Static and dynamic equilibrium of internal
diodes are warranted by design
• Insulated package:
– Insulated voltage: 2500 VRMS sine
Description
This device is part of ST's second generation of
600 V tandem diodes. It has ultralow switching-
losses with a minimized QRR that makes it perfect
for use in circuits working in hard-switching mode.
In particular the VF/QRR trade-off positions this
device between standard ultrafast diodes and
silicon-carbide Schottky rectifiers in terms of
price/performance ratio.
The device offers a new positioning giving more
flexibility to power-circuit designers looking for
good performance while still respecting cost
constraints.
Featuring ST's Turbo 2 600 V technology, the
device is particularly suited as a boost diode in
continuous conduction mode power factor
correction circuits.
Table 1. Device summary
Symbol
Value
IF(AV)
8 A
VRRM
600 V
trr (typ)
13 ns
IRM (typ)
2 A
VF (typ)
2.5 V
IFRM
40 A
Tj (max)
175 °C
www.st.com


Similar Part No. - STTH8ST06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8S06D STMICROELECTRONICS-STTH8S06D Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
logo
Inchange Semiconductor ...
STTH8S06D ISC-STTH8S06D Datasheet
258Kb / 2P
Ultrafast High Voltage Rectifier Diode
logo
STMicroelectronics
STTH8S06FP STMICROELECTRONICS-STTH8S06FP Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
logo
Inchange Semiconductor ...
STTH8S06FP ISC-STTH8S06FP Datasheet
288Kb / 2P
Ultrafast Recovery Rectifier
More results

Similar Description - STTH8ST06

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
Very low conduction losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
STMicroelectronics
STP27N60M2-EP STMICROELECTRONICS-STP27N60M2-EP Datasheet
828Kb / 16P
Very low turn-off switching losses
15-Dec-2015
logo
Vishay Siliconix
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
Very low conduction and switching losses
26-Mar-12
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
Very low conduction losses
10-Jun-15
logo
STMicroelectronics
BYW81G-200 STMICROELECTRONICS-BYW81G-200 Datasheet
283Kb / 6P
VERY LOW FORWARD LOSSES
Jul-2002
STTH8T06 STMICROELECTRONICS-STTH8T06 Datasheet
282Kb / 9P
Very low switching losses
11-Apr-2013
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
STTH6010-Y STMICROELECTRONICS-STTH6010-Y Datasheet
210Kb / 9P
Very low conduction and switching losses
April 2015 Rev 2
STTH120R04TV STMICROELECTRONICS-STTH120R04TV Datasheet
195Kb / 7P
Very low switching losses
31-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com