Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8ST06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8ST06
Description  Very low switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8ST06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8ST06 Datasheet HTML 1Page - STMicroelectronics STTH8ST06 Datasheet HTML 2Page - STMicroelectronics STTH8ST06 Datasheet HTML 3Page - STMicroelectronics STTH8ST06 Datasheet HTML 4Page - STMicroelectronics STTH8ST06 Datasheet HTML 5Page - STMicroelectronics STTH8ST06 Datasheet HTML 6Page - STMicroelectronics STTH8ST06 Datasheet HTML 7Page - STMicroelectronics STTH8ST06 Datasheet HTML 8Page - STMicroelectronics STTH8ST06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024150 Rev 2
3/9
STTH8ST06
Characteristics
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V,
dIF/dt = -50 A/µs
-20
26
ns
IF = 8 A, VR = 400 V,
dIF/dt = -200 A/µs
-13
17
IRM
Reverse recovery current
Tj = 125 °C
IF = 8 A, VR = 400 V,
dIF/dt = -200 A/µs
-2
2.6
A
S
Softness factor
-
0.9
-
QRR
Reverse recovery charge
Tj = 25 °C
-
4
nC
Tj = 125 °C
-
20
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
P
F(AV)(W)
0
5
10
15
20
25
30
35
40
01
234
56
789
10
11
T
δ=tp/T
tp
δ=0.05
δ=0.1
=0.2
δ
δ
=0.5
δ=1
IF(AV)(A)
I
FM(A)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
T
j=150 °C
T
j=125 °C
T
j=25 °C
VFM(V)
Figure 3. Relative variation of thermal
impedance, junction to case, versus pulse
duration
Figure 4. Peak reverse recovery current versus
dIF/dt (typical values)
Z
th(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Single pulse
tp()
s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com