Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8ST06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8ST06
Description  Very low switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8ST06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8ST06 Datasheet HTML 1Page - STMicroelectronics STTH8ST06 Datasheet HTML 2Page - STMicroelectronics STTH8ST06 Datasheet HTML 3Page - STMicroelectronics STTH8ST06 Datasheet HTML 4Page - STMicroelectronics STTH8ST06 Datasheet HTML 5Page - STMicroelectronics STTH8ST06 Datasheet HTML 6Page - STMicroelectronics STTH8ST06 Datasheet HTML 7Page - STMicroelectronics STTH8ST06 Datasheet HTML 8Page - STMicroelectronics STTH8ST06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH8ST06
4/9
DocID024150 Rev 2
Figure 5. Reverse recovery time versus dIF/dt
(typical values)
Figure 6. Reverse recovery charges versus
dIF/dt (typical values)
Q
RR(nC)
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
900
1000
V
R=400 V
T
j=125 °C
I
F=0.5 x IF(AV)
I
F=IF(AV)
I
F=2 x IF(AV)
dIF/dt(A/µs)
Figure 7. Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8. Relative variations of dynamic
parameters versus junction temperature
S
FACTOR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
500
600
700
800
900
1000
dIF/dt(A/µs)
I
F=IF(AV)
V
R=400 V
T
j=125 °C
dIF/dt(A/µs)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
25
50
75
100
125
IF=IF(AV)
VR=400 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
Tj(°C)
Figure 9. Junction capacitance versus reverse
voltage applied (typical values)
Figure 10. Relative variation of non-repetitive
peak surge forward current versus pulse
duration
C(pF)
1
10
100
1
10
100
1000
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V
R (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
I
(t )/I
(10ms)
FSM
p
FSM
,
t(ms)
p
sinusoidal waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com