Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH15AC06
Description  Reduces switching and conduction losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH15AC06 Datasheet HTML 1Page - STMicroelectronics STTH15AC06 Datasheet HTML 2Page - STMicroelectronics STTH15AC06 Datasheet HTML 3Page - STMicroelectronics STTH15AC06 Datasheet HTML 4Page - STMicroelectronics STTH15AC06 Datasheet HTML 5Page - STMicroelectronics STTH15AC06 Datasheet HTML 6Page - STMicroelectronics STTH15AC06 Datasheet HTML 7Page - STMicroelectronics STTH15AC06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
April 2015
DocID026243 Rev 2
1/8
8
STTH15AC06
Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
• Ultrafast switching
• Low reverse current
• Reduces switching and conduction losses
• Low thermal resistance
• Insulated package TO-220FPAC:
– Insulated voltage: 2000 VRMS sine
Description
The STTH15AC06 uses ST Turbo 2 600 V
technology and is suited as a boost diode in air
conditioning equipment for continuous mode
interleaved power factor correction.
The device is also intended for use as a
freewheeling diode in power supplies and other
power switching applications.
Table 1. Device summary
Symbol
Value
IF(AV)
15 A
VRRM
600 V
trr (typ)
40 ns
VF (typ)
1.15 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STTH15AC06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
logo
Inchange Semiconductor ...
STTH15AC06FP ISC-STTH15AC06FP Datasheet
388Kb / 3P
Ultrafast Recovery Rectifier Diode
More results

Similar Description - STTH15AC06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6631PBF IRF-IRF6631PBF_15 Datasheet
253Kb / 10P
Low Switching and Conduction Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
Low Conduction Losses and Switching Losses
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
Low Conduction Losses and Switching Losses
logo
Vishay Siliconix
SIHH11N60E VISHAY-SIHH11N60E Datasheet
196Kb / 9P
Reduced switching and conduction losses
24-Aug-15
SIHH14N60E VISHAY-SIHH14N60E Datasheet
196Kb / 9P
Reduced switching and conduction losses
07-Sep-15
SIHH21N60E VISHAY-SIHH21N60E Datasheet
195Kb / 9P
Reduced switching and conduction losses
24-Aug-15
SIHG33N60E VISHAY-SIHG33N60E Datasheet
198Kb / 8P
Reduced switching and conduction losses
02-May-16
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
Reduced switching and conduction losses
16-Jan-17
SIHP38N60E VISHAY-SIHP38N60E Datasheet
143Kb / 7P
Reduced switching and conduction losses
04-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com