Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH15AC06
Description  Reduces switching and conduction losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH15AC06 Datasheet HTML 1Page - STMicroelectronics STTH15AC06 Datasheet HTML 2Page - STMicroelectronics STTH15AC06 Datasheet HTML 3Page - STMicroelectronics STTH15AC06 Datasheet HTML 4Page - STMicroelectronics STTH15AC06 Datasheet HTML 5Page - STMicroelectronics STTH15AC06 Datasheet HTML 6Page - STMicroelectronics STTH15AC06 Datasheet HTML 7Page - STMicroelectronics STTH15AC06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID026243 Rev 2
3/8
STTH15AC06
Characteristics
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
0
5
10
15
20
25
30
0
2
4
6
8
1012
141618
PF(AV)(W)
IF(AV)(A)
T
δ =tp/T
tp
= 0.05
δ
= 0.1
δ
= 0.2
δ
= 0.5
δ
= 1
δ
IF(A)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T = 150 °C
j
T = 25 °C
j
VF(V)
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance, junction to case, versus pulse
duration
IF(A)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VF(V)
T = 150 °C
j
T = 25 °C
j
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Single pulse
TO-220FPAC
tp(s)
Figure 5. Peak reverse recovery current versus
dIF/dt (typical values)
Figure 6. Reverse recovery time versus dIF/dt
(typical values)
0
4
8
12
16
20
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IRM(A)
I= 15 A
F
V = 400 V
R
T = 125 °C
j
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
t (ns)
rr
I= 15 A
F
V = 400 V
R
T = 125 °C
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com