Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH15AC06
Description  Reduces switching and conduction losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH15AC06 Datasheet HTML 1Page - STMicroelectronics STTH15AC06 Datasheet HTML 2Page - STMicroelectronics STTH15AC06 Datasheet HTML 3Page - STMicroelectronics STTH15AC06 Datasheet HTML 4Page - STMicroelectronics STTH15AC06 Datasheet HTML 5Page - STMicroelectronics STTH15AC06 Datasheet HTML 6Page - STMicroelectronics STTH15AC06 Datasheet HTML 7Page - STMicroelectronics STTH15AC06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH15AC06
4/8
DocID026243 Rev 2
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values)
Q (nC)
rr
0
200
400
600
800
1000
0
50
100
150
200
250
300
350
400
450
500
I = 15 A
F
V = 400 V
R
T = 125 °C
j
dIF/dt(A/µs)
SFACTOR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
I= 15 A
F
V = 400 V
R
T = 125 °C
j
dIF/dt(A/µs)
Figure 9. Relative variations of dynamic
parameters versus junction temperature
Figure 10. Transient peak forward voltage
versus dIF/dt (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
IF=15 A
VR=400 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
Tj(°C)
VFP(V)
0
2
4
6
8
10
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
I= 15 A
F
T = 125 °C
j
Figure 11. Forward recovery time versus dIF/dt
(typical values)
Figure 12. Junction capacitance versus reverse
voltage applied (typical values)
tfr(ns)
0
50
100
150
200
250
50
100
150
200
250
300
350
400
450
500
IF = 15 A
VFR= 1.6 V
Tj = 125 °C
dIF/dt(A/µs)
C(pF)
10
100
1000
1
10
100
1000
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
VR(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com