Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30ST06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30ST06-Y
Description  Low reverse current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30ST06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30ST06-Y Datasheet HTML 1Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 2Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 3Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 4Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 5Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 6Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 7Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 8Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
January 2015
DocID025082 Rev 1
1/11
STTH30ST06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
• Aluminum ribbon bonding
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduces switching and conduction losses
• ECOPACK®2 compliant component (DO-247)
• AEC-Q101 qualified
Description
The STTH30ST06-Y, which uses ST Turbo 2,
600 V technology, is packaged in DO-247 and
D²PAK with aluminum ribbon to ensure a high
robustness. It especially suited for use in
switching power supplies and automotive
applications, industrial applications, as
rectification and boost diode for circuits working in
continuous conduction mode.
Table 1. Device summary
Symbol
Value
IF(AV)
30 A
VRRM
600 V
trr (typ)
39 ns
Tj
-40 to +175 °C
VF (typ)
1.75 V
www.st.com


Similar Part No. - STTH30ST06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30S06 STMICROELECTRONICS-STTH30S06 Datasheet
92Kb / 8P
Turbo 2 ultrafast high voltage rectifier
17-Jan-2013
STTH30S12 STMICROELECTRONICS-STTH30S12 Datasheet
235Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Sep-2014
STTH30S12W STMICROELECTRONICS-STTH30S12W Datasheet
235Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Sep-2014
logo
Inchange Semiconductor ...
STTH30S12W ISC-STTH30S12W Datasheet
388Kb / 2P
Ultrafast Rectifier
More results

Similar Description - STTH30ST06-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR1060L-TA3-T UTC-MBR1060L-TA3-T Datasheet
131Kb / 3P
Low Reverse Current
MBR40150CL-TA3-T UTC-MBR40150CL-TA3-T Datasheet
132Kb / 3P
Low Reverse Current
logo
STMicroelectronics
STTH15S12 STMICROELECTRONICS-STTH15S12 Datasheet
281Kb / 10P
Low reverse current
18-Sep-2014
STTH80S06 STMICROELECTRONICS-STTH80S06 Datasheet
251Kb / 8P
Low reverse current
22-Jul-2015
STTH20LCD06C STMICROELECTRONICS-STTH20LCD06C Datasheet
131Kb / 10P
low reverse current
17-Jan-2011
STTH30R06C STMICROELECTRONICS-STTH30R06C Datasheet
232Kb / 9P
Low reverse current
18-Jun-2014
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH60AC06C STMICROELECTRONICS-STTH60AC06C Datasheet
400Kb / 13P
Low reverse current
29-Mar-2017
STTH30R04 STMICROELECTRONICS-STTH30R04 Datasheet
370Kb / 10P
Low reverse current
31-Mar-2007
logo
New Jersey Semi-Conduct...
MBR150 NJSEMI-MBR150 Datasheet
144Kb / 2P
Low Reverse Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com