Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30ST06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30ST06-Y
Description  Low reverse current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30ST06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30ST06-Y Datasheet HTML 1Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 2Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 3Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 4Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 5Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 6Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 7Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 8Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH30ST06-Y
4/11
DocID025082 Rev 1
Figure 5. Reverse recovery time versus dIF/dt
(typical values)
Figure 6. Reverse recovery charges versus
dIF/dt (typical values)
trr(ns)
0
10
20
30
40
50
60
70
80
90
100
0
50
100 150 200
250 300 350 400
450 500
dIF/dt(A/µs)
VR = 400 V
Tj = 125°C
IF = IF(AV)
QRR(nC)
0
50
100
150
200
250
300
350
0
50
100 150 200
250 300 350 400
450 500
dIF/dt(A/µs)
VR = 400 V
Tj = 125°C
IF= IF(AV)
Figure 7. Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8. Relative variation of dynamic
parameters versus junction temperature
S factor
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
VR = 400 V
Tj = 125°C
IF = IF(AV)
Tj(°C)
0.0
0.5
1.0
1.5
2.0
2.5
25
50
75
100
125
IF = IF(AV)
VR = 400 V
Reference: Tj = 125 °C
IRM
SFACTOR
QRR
Figure 9. Transient peak forward voltage versus
dIF/dt (typical values)
Figure 10. Forward recovery time versus dIF/dt
(typical values)
VFP(V)
0
2
4
6
8
10
12
200
250
300
350
400
450
500
IF = IF(AV)
Tj = 125°C
dIF/dt(A/µs)
tfr(ns)
0
40
80
120
160
200
200
250
300
350
400
450
500
IF = I F(AV)
V
FR = 4 V
Tj = 125°C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com