Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30ST06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30ST06-Y
Description  Low reverse current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30ST06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30ST06-Y Datasheet HTML 1Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 2Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 3Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 4Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 5Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 6Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 7Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 8Page - STMicroelectronics STTH30ST06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID025082 Rev 1
3/11
STTH30ST06-Y
Characteristics
11
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 30 A, VR = 400 V
dIF/dt = -100 A/µs
45.5
A
Sfactor
Softness factor
0.3
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -50 A/µs
39
50
ns
IF = 0.5 A, Irr = 0.25 A
IR = 1 A
30
tfr
Forward recovery time
IF = 30 A, VFR = 4 V
dIF/dt = 300 A/µs
200
VFP
Forward recovery voltage
7
V
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current
P
(W)
F(AV)
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
IF(AV)(A)
d = 1
d = 0.5
d = 0.2
d1
= 0.
d = 0.05
= tp/T
tp
T
d
IFM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Tj=125°C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=25 °C
(Maximum values)
V FM(V)
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Peak reverse recovery current versus
dIF/dt (typical values)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IRM(A)
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com