Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9534 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 9534
Description  8-bit I2C and SMBus, low power I/O port with interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9534 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 9534 Datasheet HTML 2Page - NXP Semiconductors 9534 Datasheet HTML 3Page - NXP Semiconductors 9534 Datasheet HTML 4Page - NXP Semiconductors 9534 Datasheet HTML 5Page - NXP Semiconductors 9534 Datasheet HTML 6Page - NXP Semiconductors 9534 Datasheet HTML 7Page - NXP Semiconductors 9534 Datasheet HTML 8Page - NXP Semiconductors 9534 Datasheet HTML 9Page - NXP Semiconductors 9534 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2004 Sep 30
6
Device address
01
0
0
A2
A1
A0
SLAVE ADDRESS
su01685
FIXED
HARDWARE SELECTABLE
R/W
Figure 5. PCA9534 address
Bus transactions
Data is transmitted to the PCA9534 registers using the write mode as shown in Figures 6 and 7. Data is read from the PCA9534 registers using
the read mode as shown in Figures 8 and 9. These devices do not implement an auto-increment function so once a command byte has been
sent, the register which was addressed will continue to be accessed by reads until a new command byte has been sent.
12
SCL
WRITE TO
PORT
DATA OUT
FROM PORT
3
4
567
8
SDA
S0
A
A
A
0
1
0
0
A2
A1
A0
DATA 1
slave address
data to port
start condition
R/W
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
tpv
DATA 1 VALID
su01421
9
1
00
0
0
00
0
command byte
P
Figure 6. WRITE to output port register
12
SCL
3
4
567
8
SDA
S0
A
A
A
0
1
0
0
A2
A1
A0
DATA
slave address
data to register
start condition
R/W
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
su01422
9
00
0
0
00
1
command byte
1/0
DATA TO
REGISTER
P
Figure 7. WRITE to configuration or polarity inversion registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com