Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9534 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 9534
Description  8-bit I2C and SMBus, low power I/O port with interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9534 Datasheet(HTML) 4 Page - NXP Semiconductors

  9534 Datasheet HTML 1Page - NXP Semiconductors 9534 Datasheet HTML 2Page - NXP Semiconductors 9534 Datasheet HTML 3Page - NXP Semiconductors 9534 Datasheet HTML 4Page - NXP Semiconductors 9534 Datasheet HTML 5Page - NXP Semiconductors 9534 Datasheet HTML 6Page - NXP Semiconductors 9534 Datasheet HTML 7Page - NXP Semiconductors 9534 Datasheet HTML 8Page - NXP Semiconductors 9534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2004 Sep 30
4
REGISTERS
Command Byte
Command
Protocol
Function
0
Read byte
Input port register
1
Read/write byte
Output port register
2
Read/write byte
Polarity inversion register
3
Read/write byte
Configuration register
The command byte is the first byte to follow the address byte during
a write transmission. It is used as a pointer to determine which of the
following registers will be written or read.
Register 0 – Input Port Register
bit
I7
I6
I5
I4
I3
I2
I1
I0
default
X
X
X
X
X
X
X
X
This register is a read only port. It reflects the incoming logic levels
of the pins, regardless of whether the pin is defined as an input or an
output by Register 3. Writes to this register have no effect.
The default value ‘X’ is determined by the externally applied logic
level.
Register 1 – Output Port Register
bit
O7
O6
O5
O4
O3
O2
O1
O0
default
1
1
1
1
1
1
1
1
This register reflects the outgoing logic levels of the pins defined as
outputs by Register 3. Bit values in this register have no effect on
pins defined as inputs. Reads from this register return the value that
is in the flip-flop controlling the output selection, NOT the actual pin
value.
Register 2 – Polarity Inversion Register
bit
N7
N6
N5
N4
N3
N2
N1
N0
default
0
0
0
0
0
0
0
0
This register allows the user to invert the polarity of the Input Port
Register data. If a bit in this register is set (written with ‘1’), the
corresponding Input Port data is inverted. If a bit in this register is
cleared (written with a ‘0’), the Input Port data polarity is retained.
Register 3 – Configuration Register
bit
C7
C6
C5
C4
C3
C2
C1
C0
default
1
1
1
1
1
1
1
1
This register configures the directions of the I/O pins. If a bit in this
register is set, the corresponding port pin is enabled as an input with
high impedance output driver. If a bit in this register is cleared, the
corresponding port pin is enabled as an output. At reset, the I/Os are
configured as inputs.
Power-on Reset
When power is applied to VDD, an internal power-on reset holds the
PCA9534 in a reset condition until VDD has reached VPOR. At that
point, the reset condition is released and the PCA9534 registers and
state machine will initialize to their default states. Thereafter, VDD
must be lowered below 0.2 V to reset the device.
For a power reset cycle, VDD must be lowered below 0.2 V and then
restored to the operating voltage.
Interrupt Output
The open-drain interrupt output is activated when one of the port
pins change state and the pin is configured as an input. The
interrupt is deactivated when the input returns to its previous state or
the input port register is read.
Note that changing an I/O from an output to an input may cause a
false interrupt to occur if the state of the pin does not match the
contents of the input port register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com