Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9534 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 9534
Description  8-bit I2C and SMBus, low power I/O port with interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9534 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 9534 Datasheet HTML 3Page - NXP Semiconductors 9534 Datasheet HTML 4Page - NXP Semiconductors 9534 Datasheet HTML 5Page - NXP Semiconductors 9534 Datasheet HTML 6Page - NXP Semiconductors 9534 Datasheet HTML 7Page - NXP Semiconductors 9534 Datasheet HTML 8Page - NXP Semiconductors 9534 Datasheet HTML 9Page - NXP Semiconductors 9534 Datasheet HTML 10Page - NXP Semiconductors 9534 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2004 Sep 30
7
0
0
A2
A1 A0
0
1
0
0
A2
A1
A0
0
1
S0
A
A
A
COMMAND BYTE
acknowledge
from slave
R/W
acknowledge
from slave
A
P
NA
acknowledge
from slave
acknowledge
from master
S
DATA
DATA
R/W
first byte
at this moment master-transmitter
becomes master-receiver and
slave-receiver becomes
slave-transmitter
last byte
su01424
no acknowledge
from master
1
slave address
data from register
data from register
slave address
Figure 8. READ from register
01
0
0
A2
A1
A0
READ FROM
PORT
DATA INTO
PORT
SDA
S1
A
A
DATA 1
DATA 4
slave address
data from port
data from port
start condition
R/W
acknowledge
from slave
acknowledge
from master
stop
condition
tps
DATA 4
DATA 2
P
DATA 3
tph
su01465
no acknowledge
from master
NA
INT
tir
tiv
12
SCL
34
5
6
7
8
9
NOTES:
1. This figure assumes the command byte has previously been programmed with 00h.
2. Transfer of data can be stopped at any moment by a stop condition.
Figure 9. READ input port register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com