Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7706CB Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7706CB
Description  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706CB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7706CB Datasheet HTML 3Page - STMicroelectronics TDA7706CB Datasheet HTML 4Page - STMicroelectronics TDA7706CB Datasheet HTML 5Page - STMicroelectronics TDA7706CB Datasheet HTML 6Page - STMicroelectronics TDA7706CB Datasheet HTML 7Page - STMicroelectronics TDA7706CB Datasheet HTML 8Page - STMicroelectronics TDA7706CB Datasheet HTML 9Page - STMicroelectronics TDA7706CB Datasheet HTML 10Page - STMicroelectronics TDA7706CB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TDA7706
Block diagram and pin description
Doc ID 022898 Rev 3
7/16
37
GPIO8
In/Out
HD Radio
connectivity/
Audio output
I2S interface
SAI clk
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
38
GPIO7
In/Out
Audio SAI word-select
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
39
GPIO6
In/Out
Audio SAI data-output
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
40
GPIO5
In/Out
Audio SAI data-input
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
41
GPIO4
In/Out
SAI Base-Band clock
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
42
GPIO3
In/Out
SAI Base-Band word-select
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
43
GPIO2
Out
SAI Base-Band I data
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
44
GPIO1
Out
SAI Base-Band Q data
Pull-down 50 k
 to ground,
SINE_3V3_LIN pad
45
GPIO0
In
HD blend
Pull-down 50 k
 to ground
46
GND1V2
-
-
DSP core ground
-
47
VDD core 1V2
In
-
DSP core 1.2V supply
-
48
Test
In
-
Test Mode
Pull-down 50 k
 to ground
49
VDDPLL1V2
In
-
Digital PLL 1.2 V supply
-
50
VDDIO1V2
In
-
Internal inter-IC communication
1.2V supply
-
51
VCC-REF
In
-
Front-end reference frequency and
regulator 5 V supply
-
Table 2.
Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com