Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7706CB Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7706CB
Description  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706CB Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7706CB Datasheet HTML 1Page - STMicroelectronics TDA7706CB Datasheet HTML 2Page - STMicroelectronics TDA7706CB Datasheet HTML 3Page - STMicroelectronics TDA7706CB Datasheet HTML 4Page - STMicroelectronics TDA7706CB Datasheet HTML 5Page - STMicroelectronics TDA7706CB Datasheet HTML 6Page - STMicroelectronics TDA7706CB Datasheet HTML 7Page - STMicroelectronics TDA7706CB Datasheet HTML 8Page - STMicroelectronics TDA7706CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
September 2013
Doc ID 022898 Rev 3
1/16
16
TDA7706
Highly integrated tuner for AM/FM car-radio
Data brief
production data
Features
■ FM, AM and weather band reception
■ Fully integrated VCO for world tuning
■ High performance PLL for fast RDS system
■ Integrated AM-LNA and PIN diodes
■ Automatic self alignment for FM front-end pre-
selection filter and image rejection
■ Integrated IF filters with high selectivity,
dynamic range and adaptive bandwidth control
■ Drift-free Digital-IF signal processing with high
performance
■ RDS demodulation with group and block
synchronization
■ High performance stereo decoder with noise-
blanker
■ Digital interface for HD Radio™ reception with
digital audio blending
■ Fully programmable DSP core
■ I2C bus-controlled
■ I2S input/output digital audio interfaces
■ Single 5 V supply
■ LQFP64 package
Description
The TDA7706 highly integrated tuner is a
high/performance AM/FM tuner IC for car-radio
applications, suitable for HD Radio™ reception.
It contains mixers and IF amplifiers for AM, FM
and WX, fully integrated VCO and PLL
synthesizer, IF- processing including adaptive
bandwidth control, stereo-decoder, RDS decoder,
and digital interfaces for external HD Radio™
decoding on a single IC.
AM/FM IBOC or DRM base band filtering is
available in parallel to standard analog reception.
The utilization of digital signal processing results
in numerous advantages against today's tuners:
very low number of external components, very
small space occupation and easy application,
very high selectivity due to digital filters, high
customization possibility through software control,
automatic alignment and a powerful DSP for
custom processing.
LQFP64
Table 1.
Device summary
Order code
Package
Packing
TDA7706CB
LQFP64 (10x10x1.4mm)
Tray
www.st.com


Similar Part No. - TDA7706CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7701 STMICROELECTRONICS-TDA7701 Datasheet
51Kb / 4P
BATTERY OPERATED FULLY INTEGRATED FM TUNER
February 2005 Rev. 1
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703RTR STMICROELECTRONICS-TDA7703RTR Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703TR STMICROELECTRONICS-TDA7703TR Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
More results

Similar Description - TDA7706CB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
logo
NTE Electronics
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com