Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7706CB Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7706CB
Description  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706CB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7706CB Datasheet HTML 4Page - STMicroelectronics TDA7706CB Datasheet HTML 5Page - STMicroelectronics TDA7706CB Datasheet HTML 6Page - STMicroelectronics TDA7706CB Datasheet HTML 7Page - STMicroelectronics TDA7706CB Datasheet HTML 8Page - STMicroelectronics TDA7706CB Datasheet HTML 9Page - STMicroelectronics TDA7706CB Datasheet HTML 10Page - STMicroelectronics TDA7706CB Datasheet HTML 11Page - STMicroelectronics TDA7706CB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Block diagram and pin description
TDA7706
8/16
Doc ID 022898 Rev 3
52
OSCin
In
Oscillator
Crystal oscilllator input
-
53
OSCout
Out
Crsystal oscillator output
54
GND-REF
-
-
Front-end reference frequency and
regulator ground
-
55
Vrefdec
-
-
3.3 V Bias generation decoupling
56
GND-ADC_DAC
-
DAC
IFADC and audio DAC ground
-
57
DACoutL
Out
Audio output left
58
DACoutR
Out
Audio output right
59
VCC-ADC_DAC
In
IFADC and audio DAC 5V supply
-
60
VCC-PLL
In
PLL
Tuning PLL 5V supply
-
61
GND-PLL
-
Tuning PLL ground
-
62
PLLtest
Out
PLL Test output
63
TCFM
-
-
FM AGC time constant
64
TVDAC
Out
-
Tuning voltage output
-
Table 2.
Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com