Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2331 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F2331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F2331 Datasheet HTML 1Page - Microchip Technology PIC18F2331 Datasheet HTML 2Page - Microchip Technology PIC18F2331 Datasheet HTML 3Page - Microchip Technology PIC18F2331 Datasheet HTML 4Page - Microchip Technology PIC18F2331 Datasheet HTML 5Page - Microchip Technology PIC18F2331 Datasheet HTML 6Page - Microchip Technology PIC18F2331 Datasheet HTML 7Page - Microchip Technology PIC18F2331 Datasheet HTML 8Page - Microchip Technology PIC18F2331 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 1
14-bit Power Control PWM Module:
• Up to 4 channels with complementary outputs
• Edge- or center-aligned operation
• Flexible dead-band generator
• Hardware fault protection inputs
• Simultaneous update of duty cycle and period:
- Flexible special event trigger output
Motion Feedback Module:
• Three independent input capture channels:
- Flexible operating modes for period and pulse
width measurement
- Special Hall Sensor interface module
- Special event trigger output to other modules
• Quadrature Encoder Interface:
- 2 phase inputs and one index input from encoder
- High and low position tracking with direction
status and change of direction interrupt
- Velocity measurement
High-Speed, 200 Ksps 10-bit A/D Converter:
• Up to 9 channels
• Simultaneous two-channel sampling
• Sequential sampling: 1, 2 or 4 selected channels
• Auto-conversion capability
• 4-word FIFO with selectable interrupt frequency
• Selectable external conversion triggers
• Programmable acquisition time
Flexible Oscillator Structure:
• Four crystal modes up to 40 MHz
• Two external clock modes up to 40 MHz
• Internal oscillator block:
- 8 user selectable frequencies: 31 kHz to 8 MHz
- OSCTUNE can compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown of device if clock fails
Power-Managed Modes:
• Run
CPU on, peripherals on
• Idle
CPU off, peripherals on
• Sleep
CPU off, peripherals off
• Idle mode currents down to 5.8
µA typical
• Sleep current down to 0.1
µA typical
• Timer1 oscillator, 1.8
µA typical, 32 kHz, 2V
• Watchdog Timer (WDT), 2.1
µA typical
• Two-Speed oscillator start-up
Peripheral Highlights:
• High current sink/source 25 mA/25 mA
• Three external interrupts
• Two Capture/Compare/PWM (CCP) modules:
- Capture is 16-bit, max. resolution 6.25 ns (TCY/16)
- Compare is 16-bit, max. resolution 100 ns (TCY)
- PWM output: PWM resolution is 1 to 10 bits
• Enhanced USART module:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-Wake-up on Start bit
- Auto-Baud detect
• RS-232 operation using internal oscillator block
(no external crystal required)
Special Microcontroller Features:
• 100,000 erase/write cycle enhanced Flash
program memory typical
• 1,000,000 erase/write cycle data EEPROM
memory typical
• Flash/data EEPROM retention: 100 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 X 8 Single-cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 41 ms to 131s
• Single-supply In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
- Drives PWM outputs safely when debugging
Device
Program Memory
Data Memory
I/O
10-bit
A/D
(ch)
CCP
SSP
EUSART
14-bit
PWM
(ch)
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Slave
I2C™
PIC18F2331
8192
4096
768
256
24
5
2
Y
Y
Y
Y
6
1/3
PIC18F2431
16384
8192
768
256
24
5
2
Y
Y
Y
Y
6
1/3
PIC18F4331
8192
4096
768
256
36
9
2
Y
Y
Y
Y
8
1/3
PIC18F4431
16384
8192
768
256
36
9
2
Y
Y
Y
Y
8
1/3
28/40/44-Pin Enhanced Flash Microcontrollers with
nanoWatt Technology, High Performance PWM and A/D
PIC18F2331/2431/4331/4431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com