Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2331 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18F2331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18F2331 Datasheet HTML 33Page - Microchip Technology PIC18F2331 Datasheet HTML 34Page - Microchip Technology PIC18F2331 Datasheet HTML 35Page - Microchip Technology PIC18F2331 Datasheet HTML 36Page - Microchip Technology PIC18F2331 Datasheet HTML 37Page - Microchip Technology PIC18F2331 Datasheet HTML 38Page - Microchip Technology PIC18F2331 Datasheet HTML 39Page - Microchip Technology PIC18F2331 Datasheet HTML 40Page - Microchip Technology PIC18F2331 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 35
PIC18F2331/2431/4331/4431
3.3.1
PRI_IDLE MODE
This mode is unique among the three low-power idle
modes, in that it does not disable the primary system
clock. For timing sensitive applications, this allows for
the fastest resumption of device operation with its more
accurate primary clock source, since the clock source
does not have to “warm up” or transition from another
oscillator.
PRI_IDLE mode is entered by setting the IDLEN bit,
clearing the SCS bits, and executing a SLEEP instruc-
tion. Although the CPU is disabled, the peripherals
continue to be clocked from the primary clock source
specified in Configuration Register 1H. The OSTS bit
remains set in PRI_IDLE mode (see Figure 3-3).
When a wake event occurs, the CPU is clocked from the
primary clock source. A delay of approximately 10
µs is
required between the wake event and when code exe-
cution starts. This is required to allow the CPU to
become ready to execute instructions. After the wake-
up, the OSTS bit remains set. The IDLEN and SCS bits
are not affected by the wake-up (see Figure 3-4).
FIGURE 3-3:
TRANSITION TIMING TO PRI_IDLE MODE
FIGURE 3-4:
TRANSITION TIMING FOR WAKE FROM PRI_IDLE MODE
Q1
Peripheral
Program
PC
PC + 2
OSC1
Q3
Q4
Q1
CPU Clock
Clock
Counter
Q2
OSC1
Peripheral
Program
PC
CPU Clock
PC + 2
Q1
Q3
Q4
Clock
Counter
Q2
Wake Event
CPU Start-up Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com