Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2331 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F2331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F2331 Datasheet HTML 55Page - Microchip Technology PIC18F2331 Datasheet HTML 56Page - Microchip Technology PIC18F2331 Datasheet HTML 57Page - Microchip Technology PIC18F2331 Datasheet HTML 58Page - Microchip Technology PIC18F2331 Datasheet HTML 59Page - Microchip Technology PIC18F2331 Datasheet HTML 60Page - Microchip Technology PIC18F2331 Datasheet HTML 61Page - Microchip Technology PIC18F2331 Datasheet HTML 62Page - Microchip Technology PIC18F2331 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 57
PIC18F2331/2431/4331/4431
5.0
MEMORY ORGANIZATION
There are three memory types in enhanced MCU
devices. These memory types are:
• Program Memory
• Data RAM
• Data EEPROM
Data and program memory use separate busses,
which allows for concurrent access of these types.
Additional detailed information for Flash program mem-
ory and data EEPROM is provided in Section 6.0
“Flash Program Memory” and Section 7.0 “Data
EEPROM Memory”, respectively.
FIGURE 5-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2331/4331
5.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
2-Mbyte address will cause a read of all ‘0’s (a NOP
instruction).
The
PIC18F2331
and
PIC18F4331
each
have
8 Kbytes of Flash memory and can store up to 4,096
single-word instructions.
The
PIC18F2431
and
PIC18F4431
each
have
16 Kbytes of Flash memory and can store up to 8,192
single-word instructions.
The Reset vector address is at 000000h and the
interrupt vector addresses are at 000008h and
000018h.
The Program Memory Maps for PIC18F2X31 and
PIC18F4X31 devices are shown in Figure 5-1 and
Figure 5-2, respectively.
FIGURE 5-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2431/4431
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector LSb
High Priority Interrupt Vector LSb
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
002000h
001FFFh
Unused -
Read ‘0’s
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector LSb
High Priority Interrupt Vector LSb
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
004000h
003FFFh
Unused -
Read ‘0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com