Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD12N65M2
Description  Extremely low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD12N65M2 Datasheet HTML 2Page - STMicroelectronics STD12N65M2 Datasheet HTML 3Page - STMicroelectronics STD12N65M2 Datasheet HTML 4Page - STMicroelectronics STD12N65M2 Datasheet HTML 5Page - STMicroelectronics STD12N65M2 Datasheet HTML 6Page - STMicroelectronics STD12N65M2 Datasheet HTML 7Page - STMicroelectronics STD12N65M2 Datasheet HTML 8Page - STMicroelectronics STD12N65M2 Datasheet HTML 9Page - STMicroelectronics STD12N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD12N65M2
6/16
DocID027317 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Normalized gate threshold voltage
vs temperature
Figure 7: Normalized V (BR)DSS vs.
temperature
GIPD161220141753M T
ID
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
1
10µs
10
GIPD161220141803MT
ID
8
4
0
VDS(V)
5
(A)
0
VGS= 7, 8, 9, 10 V
10
12
16
15
6V
5V
4V
20
25
GIPD161220141809MT
ID
8
4
0
VGS(V)
2
(A)
0
VDS = 18 V
4
12
16
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com