Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD12N65M2
Description  Extremely low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD12N65M2 Datasheet HTML 3Page - STMicroelectronics STD12N65M2 Datasheet HTML 4Page - STMicroelectronics STD12N65M2 Datasheet HTML 5Page - STMicroelectronics STD12N65M2 Datasheet HTML 6Page - STMicroelectronics STD12N65M2 Datasheet HTML 7Page - STMicroelectronics STD12N65M2 Datasheet HTML 8Page - STMicroelectronics STD12N65M2 Datasheet HTML 9Page - STMicroelectronics STD12N65M2 Datasheet HTML 10Page - STMicroelectronics STD12N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STD12N65M2
Electrical characteristics
DocID027317 Rev 2
7/16
Figure 8: Static drain-source on-resistance
Figure 9: Normalized on-resistance vs
temperature
Figure 10: Gate charge vs. gate-source
voltage
Figure 11: Capacitance variations
Figure 12: Turn-off switching loss vs drain
current
Figure 13: Source-drain diode forward
characteristic
GIPD161220141813MT
RDS(on)
0.41
0
2
6
ID(A)
4
(Ω)
0.40
8
0.42
0.43
VGS= 10V
0.44
GIPD161220141820MT
VGS
4
2
0
4
12
Qg(nC)
8
(V)
0
16
6
8
10
VDS(V)
0
100
200
300
400
500
VDD = 520 V
ID = 8 A
VDS
12
GIPD161220141823MT
C
10
1
0.1
1
100
VDS(V)
10
(pF)
0.1
100
1000
Ciss
Coss
Crss
E
1
0
100
300
VDS(V)
200
(µJ)
0
400
500
600
2
3
4
GIPD171220141020MT
GIPD161220141847MT
VSD
0.7
0
2
6
ISD(A)
4
(V)
0.5
8
0.6
0.8
0.9
Tj= 150°C
Tj= -50°C
Tj= 25°C
1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com