Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD12N65M2
Description  Extremely low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STD12N65M2 Datasheet HTML 1Page - STMicroelectronics STD12N65M2 Datasheet HTML 2Page - STMicroelectronics STD12N65M2 Datasheet HTML 3Page - STMicroelectronics STD12N65M2 Datasheet HTML 4Page - STMicroelectronics STD12N65M2 Datasheet HTML 5Page - STMicroelectronics STD12N65M2 Datasheet HTML 6Page - STMicroelectronics STD12N65M2 Datasheet HTML 7Page - STMicroelectronics STD12N65M2 Datasheet HTML 8Page - STMicroelectronics STD12N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD12N65M2
Electrical characteristics
DocID027317 Rev 2
5/16
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 325 V, ID = 4 A, RG = 4.7 Ω, VGS = 10 V
(see Figure 14: "Switching times test circuit
for resistive load" and Figure 19: "Switching
time waveform")
-
9
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off-
delay time
-
34
-
ns
tf
Fall time
-
13.5
-
ns
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
8
A
ISDM
(1)
Source-drain
current
(pulsed)
-
32
A
VSD
(2)
Forward on
voltage
VGS = 0 V, ISD = 8 A
-
1.6
V
trr
Reverse
recovery time
ISD = 8 A, di/dt = 100 A/µs, VDD = 60 V
(see Figure 16: " Test circuit for inductive
load switching and diode recovery times")
-
313
ns
Qrr
Reverse
recovery
charge
-
2.7
µC
IRRM
Reverse
recovery
current
-
17
A
trr
Reverse
recovery time
ISD = 8 A, di/dt = 100 A/µs, VDD = 60 V,
Tj = 150 °C (see Figure 16: " Test circuit
for inductive load switching and diode
recovery times")
-
462
ns
Qrr
Reverse
recovery
charge
-
4.1
µC
IRRM
Reverse
recovery
current
-
17.5
A
Notes:
(1)
Pulse width is limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com