Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD46P4LLF6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD46P4LLF6
Description  P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46P4LLF6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD46P4LLF6 Datasheet HTML 2Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 3Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 4Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 5Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 6Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 7Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 8Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 9Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics (curves)
STD46P4LLF6
6/16
DocID025772 Rev 3
3
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
ID
10
1
0.1
1
VDS(V)
10
(A)
Op
er
ati
on
in
thi
s a
re
a i
s
Lim
ite
d b
y m
ax
R
DS
(o
n)
10 µs
1 ms
100 µs
0.1
Tj=175 °C
Tc=25 °C
Single pulse
100
0.01
GIPG040920141344LM
δ=0.5
Single pulse
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-5
10
-4
10
-3
10
10
-2
-1
0.1
0.01
GIPG0409141609LM
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
10
VDD = 20 V
ID = 10 A
12
40
60
80
GIPG020920141000LM
RDS(on)
12.0
11.5
11.0
0
10
ID(A)
(m
Ω)
5
15
VGS=10V
20
25
13
13.5
30
14
12.5
35 40 45
GIPG040920141629LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com