Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD46P4LLF6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD46P4LLF6
Description  P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46P4LLF6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD46P4LLF6 Datasheet HTML 1Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 2Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 3Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 4Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 5Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 6Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 7Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 8Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD46P4LLF6
4/16
DocID025772 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown Voltage
ID = 250 µA, VGS= 0
40
V
IDSS
Zero gate voltage
drain current
VDS = 40 V, (VGS = 0)
VDS = 40 V, Tc = 125 °C
1
µA
10
µA
IGSS
Gate body leakage
current
VGS = ± 20 V, (VDS = 0)
±100
nA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 23 A
0.0125
0.015
Ω
VGS = 4.5 V, ID =23 A
0.017
0.02
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f=1 MHz,
VGS = 0
-
3525
-
pF
Coss
Output capacitance
-
344
-
pF
Crss
Reverse transfer
capacitance
-
238.5
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 46 A
VGS = 4.5 V
-
34
-
nC
Qgs
Gate-source charge
-
11.3
-
nC
Qgd
Gate-drain charge
-
13.8
-
nC
For the P-channel Power MOSFETs the actual polarity of the voltages and the
current must be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com