Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD46P4LLF6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD46P4LLF6
Description  P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46P4LLF6 Datasheet(HTML) 5 Page - STMicroelectronics

  STD46P4LLF6 Datasheet HTML 1Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 2Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 3Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 4Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 5Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 6Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 7Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 8Page - STMicroelectronics STD46P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD46P4LLF6
Electrical characteristics
DocID025772 Rev 3
5/16
Table 6: Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 23 A,
RG = 4.7 Ω, VGS = 10 V
-
49.4
-
ns
tr
Rise time
-
60.6
-
ns
td(off)
Turn-off delay time
-
170
-
ns
tf
Fall time
-
20
-
ns
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
ISD = 23 A, VGS = 0
-
1.1
V
trr
Reverse recovery time
ISD = 46 A,
di/dt = 100 A/µs,
VDD = 24 V
-
29
ns
Qrr
Reverse recovery
charge
-
27.6
nC
IRRM
Reverse recovery
current
-
1.9
A
Notes:
(1)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
For the P-channel Power MOSFETs the actual polarity of the voltages and the
current must be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com