Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF80N10F7 Datasheet HTML 1Page - STMicroelectronics STF80N10F7 Datasheet HTML 2Page - STMicroelectronics STF80N10F7 Datasheet HTML 3Page - STMicroelectronics STF80N10F7 Datasheet HTML 4Page - STMicroelectronics STF80N10F7 Datasheet HTML 5Page - STMicroelectronics STF80N10F7 Datasheet HTML 6Page - STMicroelectronics STF80N10F7 Datasheet HTML 7Page - STMicroelectronics STF80N10F7 Datasheet HTML 8Page - STMicroelectronics STF80N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
February 2014
DocID025865 Rev 1
1/25
STD80N10F7, STF80N10F7,
STH80N10F7-2, STP80N10F7
N-channel 100 V, 0.008
Ω typ., 80 A STripFET™ VII DeepGATE™
Power MOSFETs in DPAK, TO-220FP, H
2
PAK-2 and TO-220
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Ultra low on-resistance
• Low gate input resistance
Applications
• Switching applications
Description
These devices utilize the 7
th
generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest R
DS(on)
in all
packages.
TO-220
DPAK
H PAK-2
2
1
3
TAB
1
2
3
TAB
1
3
2
TAB
1
2
3
TO-220FP
Order codes
VDS @
TJmax
RDS(on)
max
ID
PTOT
STD80N10F7
100 V
0.01
Ω
70 A
85 W
STF80N10F7
0.01
Ω
40 A
30 W
STH80N10F7-2
0.0095
Ω
80 A
110 W
STP80N10F7
0.01
Ω
Table 1. Device summary
Order codes
Marking
Package
Packaging
STD80N10F7
80N10F7
DPAK
Tape and reel
STF80N10F7
TO-220FP
Tube
STH80N10F7-2
H
2
PAK-2
Tape and reel
STP80N10F7
TO-220
Tube
www.st.com


Similar Part No. - STF80N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF80N10F7 ISC-STF80N10F7 Datasheet
282Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STF80N10F7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7425TRPBF IRF-IRF7425TRPBF Datasheet
157Kb / 9P
Ultra Low On-Resistance
IRLML5203GTRPBF IRF-IRLML5203GTRPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF8852TRPBF IRF-IRF8852TRPBF Datasheet
276Kb / 10P
 Ultra Low On-Resistance
IRLML6402GTRPBF IRF-IRLML6402GTRPBF Datasheet
188Kb / 8P
Ultra Low On-Resistance
IRFR9024NTRLPBF IRF-IRFR9024NTRLPBF Datasheet
1Mb / 11P
Ultra Low On-Resistance
IRLMS2002TR IRF-IRLMS2002TR Datasheet
100Kb / 8P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com