Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STF80N10F7 Datasheet HTML 1Page - STMicroelectronics STF80N10F7 Datasheet HTML 2Page - STMicroelectronics STF80N10F7 Datasheet HTML 3Page - STMicroelectronics STF80N10F7 Datasheet HTML 4Page - STMicroelectronics STF80N10F7 Datasheet HTML 5Page - STMicroelectronics STF80N10F7 Datasheet HTML 6Page - STMicroelectronics STF80N10F7 Datasheet HTML 7Page - STMicroelectronics STF80N10F7 Datasheet HTML 8Page - STMicroelectronics STF80N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID025865 Rev 1
5/25
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
Electrical characteristics
25
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
80
A
I
SDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
320
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 80 A, V
GS
= 0
-
1.1
V
t
rr
Reverse recovery time
I
SD
= 80 A, di/dt = 100 A/μs
V
DD
= 80 V, T
j
=150 °C
(see
Figure 22)
-70
ns
Q
rr
Reverse recovery charge
-
125
nC
I
RRM
Reverse recovery current
-
3.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com