Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STF80N10F7 Datasheet HTML 1Page - STMicroelectronics STF80N10F7 Datasheet HTML 2Page - STMicroelectronics STF80N10F7 Datasheet HTML 3Page - STMicroelectronics STF80N10F7 Datasheet HTML 4Page - STMicroelectronics STF80N10F7 Datasheet HTML 5Page - STMicroelectronics STF80N10F7 Datasheet HTML 6Page - STMicroelectronics STF80N10F7 Datasheet HTML 7Page - STMicroelectronics STF80N10F7 Datasheet HTML 8Page - STMicroelectronics STF80N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DocID025865 Rev 1
3/25
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
Electrical ratings
25
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
H2PAK-2
TO-220
TO-220FP
V
DS
Drain-source voltage
100
V
V
GS
Gate-source voltage
± 20
V
I
D
Drain current (continuous) at T
C
= 25 °C
70
80
40
A
I
D
Drain current (continuous) at T
C
= 100 °C
48
54
30
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
280
320
160
A
P
TOT
Total dissipation at T
C
= 25 °C
85
110
30
W
T
stg
Storage temperature
- 55 to 175
°C
T
j
Max. operating junction temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK TO-220FP H2PAK-2 TO-220
R
thj-pcb
Thermal resistance junction-pcb max
50
35
°C/W
R
thj-amb
Thermal resistance junction-ambient
max
62.5
62.5
°C/W
R
thj-case
Thermal resistance junction-case max
1.76
5
1.36
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com