Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAC4932B
Description  Excellent thermal stability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAC4932B Datasheet HTML 3Page - STMicroelectronics STAC4932B Datasheet HTML 4Page - STMicroelectronics STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics STAC4932B Datasheet HTML 10Page - STMicroelectronics STAC4932B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID17153 Rev 7
7/13
STAC4932B
Typical performance
13
Figure 5. Transient thermal model
Figure 6. Power gain vs. output power
12
14
16
18
20
22
24
26
28
30
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
Output Power (watts)
100V
90V
AM06084v1
Freq = 123 MHz
Idq
= 2x 100mA
Pulse width = 1msec
Duty cycle = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com