Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAC4932B
Description  Excellent thermal stability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 4 Page - STMicroelectronics

  STAC4932B Datasheet HTML 1Page - STMicroelectronics STAC4932B Datasheet HTML 2Page - STMicroelectronics STAC4932B Datasheet HTML 3Page - STMicroelectronics STAC4932B Datasheet HTML 4Page - STMicroelectronics STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STAC4932B
4/13
DocID17153 Rev 7
2
Electrical characteristics
T
CASE
= +25 °C
2.1
Static
2.2
Dynamic
Table 4. Static (per side)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
(1)
1.
T
J
= 150 °C
V
GS
= 0 V
I
DS
= 100 mA
200
250
V
I
DSS
V
GS
= 0 V
V
DS
= 100 V
1
mA
I
GSS
V
GS
= 20 V
V
DS
= 0 V
250
nA
V
TH
I
D
= 250 mA
2.0
4.0
V
V
DS(ON)
V
GS
= 10 V
I
D
= 10 A
3.6
V
G
FS
V
DS
= 10 V
I
D
= 2.5 A
6
S
C
ISS
V
GS
= 0 V
V
DS
= 100 V
f = 1 MHz
570
pF
C
OSS
V
GS
= 0 V
V
DS
= 100 V
f = 1 MHz
134
pF
C
RSS
V
GS
= 0 V
V
DS
= 100 V
f = 1 MHz
8
pF
Table 5. Pulse / 1 msec - 10%
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P
OUT
V
DD
= 100 V, I
DQ
= 2 x 250 mA, f = 123 MHz
1000
1200
-
W
h
D
V
DD
= 100 V, I
DQ
= 2 x 250 mA, P
OUT
= 1000 W,
f = 123 MHz
60
-
%
Gain
V
DD
= 100 V, I
DQ
= 2 x 250 mA, P
OUT
= 1000 W,
f = 123 MHz
26
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com