Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC4932B
Description  Excellent thermal stability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 1 Page - STMicroelectronics

  STAC4932B Datasheet HTML 1Page - STMicroelectronics STAC4932B Datasheet HTML 2Page - STMicroelectronics STAC4932B Datasheet HTML 3Page - STMicroelectronics STAC4932B Datasheet HTML 4Page - STMicroelectronics STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2014
DocID17153 Rev 7
1/13
STAC4932B
HF/VHF/UHF RF power N-channel MOSFET
Datasheet - production data
Figure 1. Pin connection
Features
• Excellent thermal stability
• Common source push-pull configuration
• P
OUT
= 1000 W min. (1200 W typ.) with 26 dB
gain @ 123 MHz
• Pulse conditions: 1 msec - 10%
• In compliance with the 2002/95/EC European
directive
• ST air-cavity STAC® packaging technology
Description
The STAC4932B is an N-channel MOS field-effect
RF power transistor. It is intended for 100 V pulse
applications up to 250 MHz. This device is
suitable for use in industrial, scientific and medical
applications. The STAC4932B benefits from the
latest generation of efficient, patent-pending
STAC
®
package technology.
1
1
2
3
3
1. Drain
3. Gate
2. Source (bottom side)
STAC244B
Air cavity
Table 1. Device summary
Order code
Marking
Package
Packaging
STAC4932B
STAC4932
(1)
STAC244B
Plastic tray
1.
For more details please refer to
Chapter 6: Marking, packing and shipping specifications.
www.st.com


Similar Part No. - STAC4932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
299Kb / 13P
HF/VHF/UHF RF power N-channel MOSFET
09-Apr-2020
STAC4932B STMICROELECTRONICS-STAC4932B_V01 Datasheet
299Kb / 13P
HF/VHF/UHF RF power N-channel MOSFET
09-Apr-2020
More results

Similar Description - STAC4932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
Excellent thermal stability
27-Jan-2014
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com