Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100NF04T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB100NF04T4
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB100NF04T4 Datasheet HTML 1Page - STMicroelectronics STB100NF04T4 Datasheet HTML 2Page - STMicroelectronics STB100NF04T4 Datasheet HTML 3Page - STMicroelectronics STB100NF04T4 Datasheet HTML 4Page - STMicroelectronics STB100NF04T4 Datasheet HTML 5Page - STMicroelectronics STB100NF04T4 Datasheet HTML 6Page - STMicroelectronics STB100NF04T4 Datasheet HTML 7Page - STMicroelectronics STB100NF04T4 Datasheet HTML 8Page - STMicroelectronics STB100NF04T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
November 2016
DocID9969 Rev 7
1/20
This is information on a product in full production.
www.st.com
STB100NF04T4, STP100NF04
Automotive-grade N-
channel 40 V, 4.3 mΩ typ., 120 A
STripFET™ II Power MOSFET in a D²PAK and TO-220
packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
Ptot
STB100NF04T4
40 V
4.6 mΩ
120 A
300 W
STP100NF04
40 V
4.6 mΩ
120 A
300 W
AEC-Q101 qualified
Exceptional dv/dt capability
100% avalanche tested
Low gate charge
Applications
Switching applications
Description
These Power MOSFETs have been developed
using ST
Microelectronics’ unique STripFET
process, which is specifically designed to
minimize input capacitance and gate charge. This
renders the devices suitable for use as primary
switch in advanced high-efficiency isolated DC-
DC converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
Table 1: Device summary
Order code
Marking
Package
Packing
STB100NF04T4
B100NF04
D²PAK
Tape and reel
STP100NF04
P100NF04
TO-220
Tube
1
2
3
TAB
TO-220
TAB
D PAK
2
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STB100NF04T4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB100NF04T4 VBSEMI-STB100NF04T4 Datasheet
1Mb / 9P
N-Channel 40 V (D-S) MOSFET
More results

Similar Description - STB100NF04T4

ManufacturerPart #DatasheetDescription
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 6
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 7
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
AEC-Q101 qualified
January 2017 Rev 4
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
AEC-Q101 qualified
03-Oct-2016
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
AEC-Q101 qualified
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
AEC-Q101 qualified
logo
Alpha & Omega Semicondu...
AOBS30B65LN AOSMD-AOBS30B65LN Datasheet
488Kb / 7P
650V, 30A Alpha IGBTTM AEC-Q101 Qualified
Rev.4.0: March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com