Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100NF04T4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB100NF04T4
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04T4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB100NF04T4 Datasheet HTML 1Page - STMicroelectronics STB100NF04T4 Datasheet HTML 2Page - STMicroelectronics STB100NF04T4 Datasheet HTML 3Page - STMicroelectronics STB100NF04T4 Datasheet HTML 4Page - STMicroelectronics STB100NF04T4 Datasheet HTML 5Page - STMicroelectronics STB100NF04T4 Datasheet HTML 6Page - STMicroelectronics STB100NF04T4 Datasheet HTML 7Page - STMicroelectronics STB100NF04T4 Datasheet HTML 8Page - STMicroelectronics STB100NF04T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STB100NF04T4, STP100NF04
4/20
DocID9969 Rev 7
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 250 µA, VGS = 0 V
40
V
IDSS
Zero gate voltage drain current
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V
TC = 125°C(1)
10
µA
IGSS
Gate body leakage current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on- resistance
VGS = 10 V, ID= 50 A
4.3
4.6
mΩ
Notes:
(1)Defined by design,not subject to production test
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
5100
pF
Coss
Output capacitance
-
1300
pF
Crss
Reverse transfer capacitance
-
160
pF
Qg
Total gate charge
VDD = 32 V, ID = 120 A ,
VGS = 10 V
(see Figure 21: "Test
circuit for gate charge
behavior")
-
110
150
nC
Qgs
Gate-source charge
-
35
nC
Qgd
Gate-drain charge
-
70
nC
td(on)
Turn-on delay time
VDD = 20 V, ID = 60 A ,
RG
= 4.7 Ω ,VGS = 10 V
(see Figure 20: "Test
circuit for resistive load
switching times" and
Figure 25: "Switching
time waveform")
-
35
ns
tr
Rise time
-
220
ns
td(off)
Turn-off delay time
-
80
ns
tf
Fall time
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com