Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100NF04T4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB100NF04T4
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04T4 Datasheet(HTML) 5 Page - STMicroelectronics

  STB100NF04T4 Datasheet HTML 1Page - STMicroelectronics STB100NF04T4 Datasheet HTML 2Page - STMicroelectronics STB100NF04T4 Datasheet HTML 3Page - STMicroelectronics STB100NF04T4 Datasheet HTML 4Page - STMicroelectronics STB100NF04T4 Datasheet HTML 5Page - STMicroelectronics STB100NF04T4 Datasheet HTML 6Page - STMicroelectronics STB100NF04T4 Datasheet HTML 7Page - STMicroelectronics STB100NF04T4 Datasheet HTML 8Page - STMicroelectronics STB100NF04T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STB100NF04T4, STP100NF04
Electrical characteristics
DocID9969 Rev 7
5/20
Table 6: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
120
A
ISDM(1)
Source-drain current (pulsed)
-
480
A
VSD(2)
Forward on voltage
ISD = 120 A, VGS = 0 V
-
1.3
V
tr
Reverse recovery time
ISD = 120 A, VDD = 20 V,
di/dt = 100 A/
μs V, Tj =
150 °C
(see Figure 22: "Test
circuit for inductive load
switching and diode
recovery times")
-
75
-
ns
td(off)
Reverse recovery charge
-
185
-
nC
tf
Reverse recovery current
-
5
-
A
Notes:
(1)Pulse width limited by safe operating area.
(2)Pulsed: Pulse duration = 300 μs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com