Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD8NF25 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD8NF25
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NF25 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD8NF25 Datasheet HTML 2Page - STMicroelectronics STD8NF25 Datasheet HTML 3Page - STMicroelectronics STD8NF25 Datasheet HTML 4Page - STMicroelectronics STD8NF25 Datasheet HTML 5Page - STMicroelectronics STD8NF25 Datasheet HTML 6Page - STMicroelectronics STD8NF25 Datasheet HTML 7Page - STMicroelectronics STD8NF25 Datasheet HTML 8Page - STMicroelectronics STD8NF25 Datasheet HTML 9Page - STMicroelectronics STD8NF25 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STD8NF25
6/14
Doc ID 018593 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM11280v1
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
25
20
4V
6V
VGS=10V
AM11281v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
VDS=25V
AM11282v1
BVDSS
-50
0
TJ(°C)
(norm)
50
150
0
0.2
0.4
0.6
0.8
1.0
100
-100
1.2
ID=1mA
AM11283v1
RDS(on)
0.25
0.20
0.15
0.10
0
2
ID(A)
(
Ω)
1
3
0.30
0.35
VGS=10V
5
4
6
7
8
AM11284v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com