Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD8NF25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD8NF25
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NF25 Datasheet(HTML) 3 Page - STMicroelectronics

  STD8NF25 Datasheet HTML 1Page - STMicroelectronics STD8NF25 Datasheet HTML 2Page - STMicroelectronics STD8NF25 Datasheet HTML 3Page - STMicroelectronics STD8NF25 Datasheet HTML 4Page - STMicroelectronics STD8NF25 Datasheet HTML 5Page - STMicroelectronics STD8NF25 Datasheet HTML 6Page - STMicroelectronics STD8NF25 Datasheet HTML 7Page - STMicroelectronics STD8NF25 Datasheet HTML 8Page - STMicroelectronics STD8NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD8NF25
Electrical ratings
Doc ID 018593 Rev 1
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
250
V
VGS
Gate-source voltage
±20
V
ID
(1)
1.
The value is rated according to Rthj-c.
Drain current (continuous) at TC = 25 °C
8
A
Drain current (continuous) at TC=100 °C
6
A
IDM
(2)
2.
Pulse is rated according to SOA.
Drain current (pulsed)
32
A
PTOT
Total dissipation at TC = 25 °C
72
W
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.08
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4, 2 Oz copper board.
Thermal resistance junction-pcb
50
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Non-repetitive avalanche current
8
A
EAS
Single pulse avalanche energy (starting
TJ=25 °C, ID=IAV, VDD=50 V)
110
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com