Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD8NF25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD8NF25
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NF25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD8NF25 Datasheet HTML 3Page - STMicroelectronics STD8NF25 Datasheet HTML 4Page - STMicroelectronics STD8NF25 Datasheet HTML 5Page - STMicroelectronics STD8NF25 Datasheet HTML 6Page - STMicroelectronics STD8NF25 Datasheet HTML 7Page - STMicroelectronics STD8NF25 Datasheet HTML 8Page - STMicroelectronics STD8NF25 Datasheet HTML 9Page - STMicroelectronics STD8NF25 Datasheet HTML 10Page - STMicroelectronics STD8NF25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STD8NF25
Electrical characteristics
Doc ID 018593 Rev 1
7/14
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
4
Qg(nC)
(V)
16
8
8
12
10
VDD=200V
ID=8A
12
150
100
50
0
200
VDS
VDS
(V)
AM11285v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM11286v1
VGS(th)
1.0
0.8
0.6
0.4
-100
0
TJ(°C)
(norm)
-50
50
100
ID=250µA
150
AM11287v1
RDS(on)
2.0
1.5
1.0
0.5
-100
0
TJ(°C)
(norm)
-50
50
100
2.5
150
0
ID=8A
VGS=10V
AM11288v1
VSD
0
4
ISD(A)
(V)
2
6
8
0.4
0.5
0.6
0.7
0.8
0.9
TJ=25°C
TJ=175°C
TJ=-50°C
AM11289v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com