Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 128 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 128 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 124Page - Silicon Laboratories EM357-RTR Datasheet HTML 125Page - Silicon Laboratories EM357-RTR Datasheet HTML 126Page - Silicon Laboratories EM357-RTR Datasheet HTML 127Page - Silicon Laboratories EM357-RTR Datasheet HTML 128Page - Silicon Laboratories EM357-RTR Datasheet HTML 129Page - Silicon Laboratories EM357-RTR Datasheet HTML 130Page - Silicon Laboratories EM357-RTR Datasheet HTML 131Page - Silicon Laboratories EM357-RTR Datasheet HTML 132Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 241 page
background image
Rev 1.3
128
To detect missed captures reliably, read captured data in TIMxCCRy before checking the missed capture/compare
flag. This sequence avoids missing a capture that could happen after reading the flag and before reading the data.
Note:
Software can generate IC interrupt requests by setting the corresponding TIM_CCyG bit in the TIMx_EGR register.
9.3.6. PWM Input Mode
This mode is a particular case of input capture mode. The procedure is the same except:

Two ICy signals are mapped on the same TIy input.

These two ICy signals are active on edges with opposite polarity.

One of the two TIyFP signals is selected as trigger input and the slave mode controller is configured in
reset mode.
For example, to measure the period in the TIMx_CCR1 register and the duty cycle in the TIMx_CCR2 register of
the PWM applied on TI1, use the following procedure depending on CK_INT frequency and prescaler value:

Select the active input for TIMx_CCR1: write the TIM_CC1S bits to 01 in the TIMx_CCMR1 register (TI1
selected).

Select the active polarity for TI1FP1, used both for capture in the TIMx_CCR1 and counter clear, by writing
the TIM_CC1P bit to 0 (active on rising edge).

Select the active input for TIMx_CCR2by writing the TIM_CC2S bits to 10 in the TIMx_CCMR1 register
(TI1 selected).

Select the active polarity for TI1FP2 (used for capture in the TIMx_CCR2) by writing the TIM_CC2P bit to 1
(active on falling edge).

Select the valid trigger input by writing the TIM_TS bits to 101 in the TIMx_SMCR register (TI1FP1
selected).

Configure the slave mode controller in reset mode by writing the TIM_SMS bits to 100 in the TIMx_SMCR
register.

Enable the captures by writing the TIM_CC1E and TIM_CC2E bits to 1 in the TIMx_CCER register.
Figure 9.20 illustrates this example.
Figure 9.20. PWM Input Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com