Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 131 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 131 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 127Page - Silicon Laboratories EM357-RTR Datasheet HTML 128Page - Silicon Laboratories EM357-RTR Datasheet HTML 129Page - Silicon Laboratories EM357-RTR Datasheet HTML 130Page - Silicon Laboratories EM357-RTR Datasheet HTML 131Page - Silicon Laboratories EM357-RTR Datasheet HTML 132Page - Silicon Laboratories EM357-RTR Datasheet HTML 133Page - Silicon Laboratories EM357-RTR Datasheet HTML 134Page - Silicon Laboratories EM357-RTR Datasheet HTML 135Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 241 page
background image
131
Rev 1.3
Figure 9.22. Edge-Aligned PWM Waveforms (ARR = 8)
9.3.9.2. PWM Edge-Aligned Mode: Down-Counting Configuration
Down-counting is active when the TIM_DIR bit in the TIMx_CR1 register is high. Refer to "9.3.2.2. Down-Counting
Mode" on page 119 for more information.
In PWM mode 1, the reference signal OCyREF is low as long as TIMx_CNT > TIMx_CCRy, otherwise it becomes
high. If the compare value in TIMx_CCRy is greater than the auto-reload value in TIMx_ARR, then OCyREF is held
at 1. Zero-percent PWM is not possible in this mode.
9.3.9.3. PWM Center-Aligned Mode
Center-aligned mode is active except when the TIM_CMS bits in the TIMx_CR1 register are 00 (all configurations
where TIM_CMS is non-zero have the same effect on the OCyREF/OCy signals). The compare flag is set when the
counter counts up, when it counts down, or when it counts up and down, depending on the TIM_CMS bits
configuration. The direction bit (TIM_DIR) in the TIMx_CR1 register is updated by hardware and must not be
changed by software. Refer to the "9.3.2.3. Center-Aligned Mode (Up/Down Counting)" on page 120 for more
information.
Figure 9.23 shows some center-aligned PWM waveforms in an example where:

TIMx_ARR = 8

PWM mode is the PWM mode 1

The output compare flag is set when the counter counts down corresponding to the center-aligned mode 1
selected for TIM_CMS = 01 in the TIMx_CR1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com