Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 129 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 129 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 125Page - Silicon Laboratories EM357-RTR Datasheet HTML 126Page - Silicon Laboratories EM357-RTR Datasheet HTML 127Page - Silicon Laboratories EM357-RTR Datasheet HTML 128Page - Silicon Laboratories EM357-RTR Datasheet HTML 129Page - Silicon Laboratories EM357-RTR Datasheet HTML 130Page - Silicon Laboratories EM357-RTR Datasheet HTML 131Page - Silicon Laboratories EM357-RTR Datasheet HTML 132Page - Silicon Laboratories EM357-RTR Datasheet HTML 133Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 241 page
background image
129
Rev 1.3
9.3.7. Forced Output Mode
In output mode (CCyS bits = 00 in the TIMx_CCMR1 register), software can force each output compare signal
(OCyREF and then OCy) to an active or inactive level independently of any comparison between the output
compare register and the counter.
To force an output compare signal (OCyREF/OCy) to its active level, write 101 in the TIM_OCyM bits in the
corresponding TIMx_CCMR1 register. OCyREF is forced high (OCyREF is always active high) and OCy gets the
opposite value to the TIM_CCyP polarity bit. For example, TIM_CCyP = 0 defines OCy as active high, so when
OCyREF is active, OCy is also set to a high level.
The OCyREF signal can be forced low by writing the TIM_OCyM bits to 100 in the TIMx_CCMR1 register.
The comparison between the TIMx_CCRy shadow register and the counter is still performed and allows the
INT_TIMxCCRyIF flag to be set. Interrupt requests can be sent accordingly. This is described in “9.3.8. Output
Compare Mode” .
9.3.8. Output Compare Mode
This mode is used to control an output waveform or to indicate when a period of time has elapsed.
When a match is found between the capture/compare register and the counter, the output compare function:

Assigns the corresponding output pin to a programmable value defined by the output compare mode (the
TIM_OCyM bits in the TIMx_CCMR1 register) and the output polarity (the TIM_CCyP bit in the
TIMx_CCER register). The output can be frozen (TIM_OCyM = 000), be set active (TIM_OCyM = 001), be
set inactive (TIM_OCyM = 010), or can toggle (TIM_OCyM = 011) on the match.

Sets a flag in the interrupt flag register (the INT_TIMCCyIF bit in the INT_TIMxFLAG register).

Generates an interrupt if the corresponding interrupt mask is set (the TIM_CCyIF bit in the INT_TIMxCFG
register).
The TIMx_CCRy registers can be programmed with or without buffer registers using the TIM_OCyBE bit in the
TIMx_CCMR1 register.
In output compare mode, the UEV has no effect on OCyREF or the OCy output. The timing resolution is one count
of the counter. Output compare mode can also be used to output a single pulse (in one pulse mode).
Procedure:
1. Select the counter clock (internal, external, and prescaler).
2. Write the desired data in the TIMx_ARR and TIMx_CCRy registers.
3. Set the INT_TIMCCyIF bit in INT_TIMxCFG if an interrupt request is to be generated.
4. Select the output mode. For example, you must write TIM_OCyM = 011, TIM_OCyBE = 0, TIM_CCyP = 0
and TIM_CCyE = 1 to toggle the OCy output pin when TIMx_CNT matches TIMx_CCRy, TIMx_CCRy
buffer is not used, OCy is enabled and active high.
5. Enable the counter: Set the TIM_CEN bit in the TIMx_CR1 register.
To control the output waveform, software can update the TIMx_CCRy register at any time, provided that the buffer
register is not enabled (TIM_OCyBE = 0). Otherwise TIMx_CCRy shadow register is updated only at the next UEV.
An example is given in Figure 9.21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com